PART |
Description |
Maker |
MSM82C55A-2GS MSM82C55A-2RS MSM82C55A-2VJS |
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
|
OKI electronic components
|
MD82C55B MR82C55B IS82C55A-5 IS82C55A 8406602XA ID |
CMOS Programmable Peripheral Interface
|
Harris Semiconductor HARRIS[Harris Corporation]
|
TMP82C255A TMP82C255AF-10 TMP2C255A TMP82C255AN-2 |
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CP82C55A CP82C55A-5 IP82C55A IP82C55A-5 CS82C55A C |
From old datasheet system CMOS Programmable Peripheral Interface
|
INTERSIL[Intersil Corporation]
|
5962R9581901QQC 5962R9581901VQC HS-82C55ARH00 |
Radiation Hardened CMOS Programmable Peripheral Interface
|
Intersil Corporation
|
HS1-82C55ARH |
Radiation Hardened CMOS Programmable Peripheral Interface 辐射加固CMOS可编程外设接
|
Intersil, Corp.
|
HS1-82C55ARH HS1-82C55ARH-8 HS1-82C55ARH-Q HS-82C5 |
From old datasheet system Radiation Hardened CMOS Programmable Peripheral Interface
|
INTERSIL[Intersil Corporation]
|
CY8C24423-24LFI CY8C24423-24PI CY8C24423-24PVI CY8 |
PSoC Mixed Signal Array MULTIFUNCTION PERIPHERAL, PDSO20 PSoC Mixed Signal Array MULTIFUNCTION PERIPHERAL, PDSO28 PSoC? Programmable System-on-Chip PSoC庐 Programmable System-on-Chip??/a> PSoC垄莽 Programmable System-on-Chip垄芒
|
Cypress Semiconductor, Corp.
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
DS3632J-8 DS1632J-883B DS1631H883B DS1632J-8B DS16 |
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
|
Rochester Electronics
|
EDI7F433512V-BNC EDI7F233512V-BNC EDI7F433512V120B |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 40-PDIP AMD Flash Modules AMD的闪存模 CMOS Priority Interrupt Controller; Temperature Range: 0°C to 70°C; Package: 28-PDIP
|
Glenair, Inc.
|
D8255A |
Programmable Peripheral Interface
|
Intel
|